Part Number Hot Search : 
95N2LH5 CPC1580 ACTR4110 5AA04 C4001 87C054 0515D 0496080
Product Description
Full Text Search
 

To Download TB2300H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tb0640h - tb 3500h 100a bi- directi onal surface m ount thyristo r surge prot ective devi ce features 100a peak pulse current @ 10/1000 m s 400a peak pulse current @ 8/20 m s 58 - 320v stand-of f volt ages oxide-glass passi vated junction bi-directional prot ection in a si ngle device high off-st ate impedance and low on-stat e voltage mechanical data case: smb , molded pl astic plastic material: ul flammability classification rating 94v -0 moisture sensitivity: level 1 per j-std-020 a terminals: sol der plated terminal - solderable per mil-s td-202 , method 208 polarity: none; bi-directional devices have no polarity indi cator weight: 0. 093 grams (approx.) marking: date code & marking code (see page 4) ordering informati on: see p age 4 single phase, half wave, 60hz, resistive or inductive load. for capac itive load, derate current by 20% . b a c d f h e g characteristic symbol value unit non-repetitive peak impulse current @ 10/1000us i pp 100 a non-repetitive peak on-state cur rent @8.3ms (one- half cycle) i tsm 50 a junction temperature r ange t j -40 to +150 c storage temperature range t stg -55 to +150 c thermal resistance, j unction to lead r q jl 20 c/w thermal resistance, j unction to ambient r q ja 100 c/w typical positive temperature coeffic ient for breakdown voltage d vbr / d t j 0.1 %/ c smb dim min max a 4.06 4.57 b 3.30 3.94 c 1.96 2.21 d 0.15 0.31 e 5.21 5.59 f 0.05 0.20 g 2.01 2.62 h 0.76 1.52 all dimensions in m m maximum ratings @ t a = 25 c unless otherwise s pecified maximum rated surge wavefor m waveform standard ipp (a) 2/10 us gr-1089-co re 500 8/20 us iec 61000-4-5 400 10/160 us fcc part 68 250 10/700 us itu-t, k20/k21 200 10/560 us fcc part 68 160 10/1000 us gr-1089-co re 100 0 t i m e 1 0 0 5 0 0 i , p e a k p u l s e c u r r e n t ( % ) p p p e a k v a l u e ( i ) p p h a l f v a l u e t = r i s e t i m e t o p e a k v a l u e r t = d e c a y t i m e t o h a l f v a l u e p t r t p product specification 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electri cal character isti cs @ t a = 25 c unless otherwise s pecified part numbe r rated repetitive off-state voltage off-state leakage curre nt @ v drm breakover voltage on-state voltage @ i t = 1a breakover current i bo holding cur rent i h off-state capacitance marking code v drm (v) i drm ( ua ) v bo (v) v t (v) min (ma) max (ma) min (ma) max (ma) c o (pf) tb0640h 58 5 77 3.5 50 800 150 800 200 t064h tb0720h 65 5 88 3.5 50 800 150 800 200 t072h tb0900h 75 5 98 3.5 50 800 150 800 200 t090h tb1100h 90 5 130 3.5 50 800 150 800 120 t110h tb1300h 120 5 160 3.5 50 800 150 800 120 t130h tb1500h 140 5 180 3.5 50 800 150 800 120 t150h tb1800h 160 5 220 3.5 50 800 150 800 120 t180h TB2300H 190 5 265 3.5 50 800 150 800 80 t230h tb2600h 220 5 300 3.5 50 800 150 800 80 t260h tb3100h 275 5 350 3.5 50 800 150 800 80 t310h tb3500h 320 5 400 3.5 50 800 150 800 80 t350h symbol parameter v drm stand-off voltage i drm leakage curr ent at stand-off voltage v br breakdown voltage i br breakdown curr ent v bo breakover voltage i bo breakover current i h holding current note: 1 v t on state v oltage i pp peak pulse curr ent c o off-state c apacitance note: 2 notes: 1. i h > ( v l / r l ) if this criterion is not obey ed, the tspd triggers but does not r eturn correc tly to high-resistanc e state. the sur ge recover y time does not exc eed 30ms. 2. off-state c apacitance measured at f = 1.0mhz , 1.0v rms signal, v r = 2v dc bias. i b o v b r v d r m v t v b o i h i v i b r i d r m i p p product specification 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
orderi ng inform ation (note 3) device packaging shipping tb0640h-13 tb0720h-13 tb0900h-13 tb1100h-13 tb1300h-13 tb1500h-13 tb1800h-13 TB2300H-13 tb2600h-13 tb3100h-13 tb3500h-13 smb 3000/tape & reel notes: 3. for packaging details, go to our website at http :// www .diodes.com/ datasheets /ap02007. pdf . marking i nformat ion xxxxx = product type mark ing code yww = date code marking y = year ex: 2 = 2002 ww = week date code key x x x x x y w w year 2002 2003 2004 code 2 3 4 product specification 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of TB2300H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X